PART |
Description |
Maker |
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|
MAX1062 MAX1062ACUB MAX1062AEUB MAX1062BCUB MAX106 |
14-Bit, 5V, 200ksps ADC with 10µA Shutdown 14-Bit / %V / 200ksps ADC with 10A Shutdown 14-Bit, %V, 200ksps ADC with 10レA Shutdown "14-Bit, 5V, 200ksps ADC with 10?A Shutdown" 14-Bit, %V, 200ksps ADC with 10A Shutdown 14-Bit, %V, 200ksps ADC with 10μA Shutdown
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
AD1678-15 |
12 BIT 200KSPS SAMPLING ADC
|
Analog Devices
|
LTC2345 |
16-/18-Bit, Octal 200ksps, SAR ADC
|
Linear Technology
|
ZADCS146 ZADCS147 |
12-Bit, 200ksps, 8-Channel, Serial Output ADC
|
Zentrum Mikroelektronik Dresden AG Zentrum Mikroelektronik Dresden GmbH
|
EVAL-AD974CB |
AD974 4-Channel, 16-Bit, 200 kSPS ADC(四通道,200kSPS,16位A/D转换AD974的评估板)
|
Analog Devices, Inc.
|
LTC2345HUK-18PBF LTC2345HUK-18TRPBF |
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC1863IGNTRPBF LTC1867AIGNTRPBF LTC1867AIGNPBF |
12-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 16-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2348-18-15 |
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|